Part Number Hot Search : 
UR1105W CPC1727J DHPH201U BR1006 B45197 1N5594B N6068 BD901
Product Description
Full Text Search
 

To Download PF710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF710 Series
Description
PF710 Series have 2 models in different color. Which PF710 is onyx black and PF710C is crystal. PF710 Series are designed to access and playback photos and music from a variety of sources: USB Flash drives, memory cards, or it's on-board flash memory.
PF710 / PF710C Placement
System Requirements
System requirements for connecting PF710 Series to a computer: 1. 100~240V voltage power outlet for the DC adaptor. 2. Desktop or notebook computer with a working USB port. 3. One of the following Operating Systems (OS): * Windows 2000 * Windows XP * Windows Vista * MacTM OS 10.0, or later * LinuxTM Kernel 2.4, or later
Dimensions
Side A B C Millimeters 219.00 1.00 156.00 1.00 28.00 1.00 Inches 8.62 0.04 6.14 0.04 1.10 0.04
Features
* Bright 7" widescreen color TFT LCD panel * Built-in stereo speakers and headphone jack * Supports USB flash drives and SD/SDHC/MMC/MS/CF memory cards * Fully compliant with Hi-Speed USB 2.0 and backwards compatible with USB 1.1 * Direct USB connection to your PC for easy file transfer * Built-in memory - works even without a memory card * Auto power on/off * Slideshow, thumbnail, still picture, and zoom-in viewing options * View photos with background music * Attractive Themes to accent your pictures with * Important date/event reminder * Clock, alarm and calendar functions
Ordering Information
Device Description PF710 Digital Photo Frame - Onyx Black PF710C Digital Photo Frame - Crystal Memory Size Transcend P/N 1GB TS1GPF710
1GB
TS1GPF710C
Transcend Information Inc.
1
PF710 Series
Specifications
Panel: Speaker: Headphone: USB Interface: Storage: Data Retention: Navigation: Remote control: Dimension: Weight: Power Supply Input: Picture Formats: Video Formats: Music Formats: Compression Rates: Certificates: Warranty: 7" TFT LCD, 480x234 pixels L / R speaker, 0.5w 3.5mm, 32 ohm A-Type x1, mini-B x1 1GB NAND Up to 10 years 7 buttons, volume control wheel Infrared, NEC protocol 219.0 mm x 156.0 mm x 28.0 mm 430g 100 ~ 240 V 1.0A, Output: 5V DC 2.0A DSC JPEG, BMP (W:800 x H:600) Motion JPEG (320x240@15fps) MP3, WMA (No DRM support), WAV 32Kbps-320Kbps CE, FCC, BSMI Panel: 1-year, no more than 4 defect pixels Device: 2-years
PF710 / PF710C
Transcend Information Inc.
2


▲Up To Search▲   

 
Price & Availability of PF710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X